Part Number Hot Search : 
OPB355T 16X5R 2760AS 0CTQ1 SI4435 M29F10 BU2993FV KLQ03
Product Description
Full Text Search
 

To Download SBR3060CTFP-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr3060 document number: ds30969 rev. 6 - 2 1 of 5 www.diodes.com october 2011 ? diodes incorporated sbr3060ct sbr3060ctfp sbr is a registered trademark of diodes incorporated. 30a sbr ? super barrier rectifier features ? low forward voltage drop ? excellent high temperature stability ? patented super barrier rectifier technology ? soft, fast switching capability ? lead free finish, rohs compliant (note 1) ? also available in green molding compound (note 2) mechanical data ? case: to-220ab, ito-220ab ? case material: molded plastic, ul flammability classification rating 94v-0 ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: to-220ab ? 1.85 grams (approximate) ito-220ab ? 1.65 grams (approximate) ordering information (notes 2 & 3) part number case packaging sbr3060ct to-220ab 50 pieces/tube sbr3060ct-g to-220ab 50 pieces/tube sbr3060ctfp ito-220ab 50 pieces/tube SBR3060CTFP-G ito-220ab 50 pieces/tube sbr3060ctfp-jt ito-220ab (alternate) 50 pieces/tube notes: 1. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied, see eu directive 2002/95/ec annex notes 2. for green molding compound version part numbers, add "-g" suffix to part number abov e. examples: sbr3060ct-g. 3. for packaging details, go to our website at http://www.diodes.com. marking information to-220ab top view ito-220ab top view package pin out configuration to-220ab bottom view ito-220ab bottom view sbr3060ctfp = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 06 = 2006) ww = week (01 - 53) sbr3060ct = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 06 = 2006) ww = week (01 - 53) sbr3060ct yyww ab yyww ab sbr3060ctfp
sbr3060 document number: ds30969 rev. 6 - 2 2 of 5 www.diodes.com october 2011 ? diodes incorporated sbr3060ct sbr3060ctfp sbr is a registered trademark of diodes incorporated. maximum ratings (per leg) @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 60 v average rectified output current per leg total i o 15 30 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 200 a peak repetitive reverse surge current (2us-1khz) i rrm 2 a isolation voltage (ito-220ab only) from terminal to heatsink t = 3 sec. v ac 2000 v thermal characteristics (per leg) characteristic symbol value unit maximum thermal resistance (per leg) package = to-220ab package = ito-220ab r jc 2 4 oc/w operating and storage temperature range t j , t stg -65 to +150 oc electrical character istics (per leg) @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 4) v ( br ) r 60 - - v i r = 0.5ma forward voltage drop v f - - 0.62 0.70 0.65 v i f = 15a, t j = 25oc i f = 15a, t j = 125oc leakage current (note 4) i r - - 0.5 100 ma v r = 60v, t j = 25oc v r = 60v, t j = 125oc notes: 4. short duration pulse test used to minimize self-heating effect.
sbr3060 document number: ds30969 rev. 6 - 2 3 of 5 www.diodes.com october 2011 ? diodes incorporated sbr3060ct sbr3060ctfp sbr is a registered trademark of diodes incorporated. 0 5 10 15 0 25 50 75 100 125 150 t c , case temperature ( c) i f(ave) , average forward current (a) 0.1 1 10 100 0.00 0.10 0.20 0. 30 0. 4 0 0. 5 0 0 .60 0. 7 0 v f , instant an eous forward vol tage ( v) i f , inst antaneou s forwar d current (a) t a = 25 c t a = 125 c t a = 150 c t a = 75 c figure 1: current derating curve, per element figure 2: typical forward characteristics, per element 0.1 1 10 100 0 10 20 30 40 50 60 v r , instantaneous reverse voltage (v) i r , in sta ntaneous revers e cu rren t (ma) t a =150c t a =25c t a = 125c t a =75c figure 3: typical reverse characteristics, per element
sbr3060 document number: ds30969 rev. 6 - 2 4 of 5 www.diodes.com october 2011 ? diodes incorporated sbr3060ct sbr3060ctfp sbr is a registered trademark of diodes incorporated. package outline dimensions notes: 5. for product manufactured with date code 0733 (week 33, 2007) and newer, please refer to ito-220ab dimensions. for pro duct manufactured prior to date code 0733, please refer to ito-220ab alternate dimensions. ito-220ab (note 5) dim min typ max a 4.50 4.70 4.90 a1 3.04 3.24 3.44 a2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 d 15.67 15.87 16.07 d1 8.99 9.19 9.39 e 2.54 e 9.91 10.11 10.31 l 9.45 9.75 10.05 l1 15.80 16.00 16.20 p 2.98 3.18 3.38 q 3.10 3.30 3.50 all dimensions in mm to-220ab dim min typ max a 3.56 - 4.82 a1 0.51 - 1.39 a2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 d 14.22 - 16.51 d1 8.39 - 9.01 e 2.54 e1 5.08 e 9.66 - 10.66 h1 5.85 - 6.85 l 12.70 - 14.73 l1 - - 6.35 p 3.54 - 4.08 q 2.54 - 3.42 all dimensions in mm ito-220ab alternate (note 5) dim. min. max. a 4.30 4.70 a1 1.3 b 0.50 0.75 b1 1.10 1.35 b2 1.50 1.75 c 0.50 0.75 d 14.80 15.20 e 9.96 10.36 e 2.54 typ f 2.80 3.20 j1 2.50 2.90 l 12.80 13.60 l1 1.70 1.90 l2 1.90 2.10 ?p 3.50 typ q 2.70 typ all dimensions in mm e ?p q b1 l1 b2 l2 b e f d l a1 j1 c not through holes 1 23 + a 5 5 5 5 10 e q d d1 l1 3 x b1 3 x b 2 x e l ? p a a1 a2 c 123 a a1 c d e l b e1 b2 p h1 q l1 a2 e seating plane d1 16.00 0.20* *guaranteed by to-220ab leadframe design
sbr3060 document number: ds30969 rev. 6 - 2 5 of 5 www.diodes.com october 2011 ? diodes incorporated sbr3060ct sbr3060ctfp sbr is a registered trademark of diodes incorporated. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2011, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR3060CTFP-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X